PART |
Description |
Maker |
CMLM0205 |
MULTI DISCRETE MODULESURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE 280 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor, Corp.
|
CMLM0605 |
MULTI DISCRETE MODULESURFACE MOUNT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp.
|
HN7G02FU |
TOSHIBA Multi Chip Discrete Device
|
TOSHIBA[Toshiba Semiconductor]
|
HN2E04F |
MULTI CHIP DISCRETE DEVICE Super High Speed Switching Application
|
Toshiba Corporation Toshiba Semiconductor
|
10BF20 10BF80 10BF10 10BF40 10BF60 10BF100 10BF100 |
DIODE 1 A, 600 V, SILICON, SIGNAL DIODE, DO-214AA, PLASTIC, SMB, 2 PIN, Signal Diode SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE 表面贴装超快恢复二极 1000V 1A Ultra-Fast Discrete Diode in a SMB package 100V 1A Ultra-Fast Discrete Diode in a SMB package 200V 1A Ultra-Fast Discrete Diode in a SMB package 400V 1A Ultra-Fast Discrete Diode in a SMB package 600V 1A Ultra-Fast Discrete Diode in a SMB package 800V 1A Ultra-Fast Discrete Diode in a SMB package
|
Vishay Semiconductors International Rectifier, Corp. IRF[International Rectifier]
|
30BF..SERIES 30BF80 30BF10 30BF20 30BF40 30BF60 30 |
DIODE 3 A, SILICON, RECTIFIER DIODE, DO-214AB, Rectifier Diode SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE 表面贴装超快恢复二极 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 800V 3A Ultra-Fast Discrete Diode in a SMC package 400V 3A Ultra-Fast Discrete Diode in a SMC package 600V 3A Ultra-Fast Discrete Diode in a SMC package 100V 3A Ultra-Fast Discrete Diode in a SMC package 200V 3A Ultra-Fast Discrete Diode in a SMC package
|
International Rectifier, Corp. IRF[International Rectifier] VISHAY SEMICONDUCTORS
|
HI1-0507A2 HI1-0506A5 HI1-0507A5 HI1-0506A2 HI3-05 |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 536-0402-5 90; Contact Mating Area Plating: Tin Interface IC 接口IC
|
Intersil, Corp.
|
2SJ220 2SJ220L 2SJ220S |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0519-0 01; No. of Positions: 8; Connector Type: Board SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
|
Hitachi,Ltd. Hitachi Semiconductor
|
10TQ045S 10TQ040S 10TQ030S 10TQ035 10TQ 10TQ045 10 |
SCHOTTKY RECTIFIER 肖特基整流器 35V 10A Schottky Discrete Diode in a D2-Pak package 35V0A条肖特基二极管的分立的一D2 - PAK封装 40V 10A Schottky Discrete Diode in a D2-Pak package 35V 10A Schottky Discrete Diode in a TO-220AC package 45V 10A Schottky Discrete Diode in a TO-220AC package 45V 10A Schottky Discrete Diode in a D2-Pak package
|
International Rectifier, Corp. SIEMENS AG IRF[International Rectifier]
|
8ETH06 8ETH06-1 8ETH06F 8ETH06FP 8ETH06S |
600V 8A HyperFast Discrete Diode in a D2-Pak (UltraFast) package 600V 8A Hyperfast Discrete Diode in a TO-220 FullPack package 600V 8A HyperFast Discrete Diode in a TO-262 package Hyperfast Rectifier
|
IRF[International Rectifier]
|
18TQ045 18TQ045S 18TQ035S 18TQ 18TQ035 18TQ040 18T |
45V 18A Schottky Discrete Diode in a TO-220AC package 45V 18A Schottky Discrete Diode in a D2-Pak package 40V 18A Schottky Discrete Diode in a D2-Pak package 35V 18A Schottky Discrete Diode in a D2-Pak package 35V 18A Schottky Discrete Diode in a TO-220AC package SCHOTTKY RECTIFIER CAT6 SOL PC PVC YEL 2OFT PVC SOLID PATCH CORD CAT6 SOL PC PVC YEL 30FT PVC SOLID PATCH CORD DIODE 18 A, 35 V, SILICON, RECTIFIER DIODE, TO-263AB, PLASTIC, SMD-220, D2PAK-3, Rectifier Diode 40V 18A Schottky Discrete Diode in a TO-220AC package
|
IRF[International Rectifier] Vishay Semiconductors
|
91821-0001 91821-0003 91935-9004 91935-9006 91935- |
Picoflex垄莽 Discrete Wire Picoflex? Discrete Wire
|
Molex Electronics Ltd.
|